PART |
Description |
Maker |
M80-5T10422MC M80-5T15022MC M80-5T10442MC M80-5T15 |
DATAMATE J-TEK DIL VERT 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-8790242 M80-8540842 M80-8540845 M80-8790405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, gold, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc http://
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-335 |
DATAMATE MIX-TEK POWER CONTACT MALE STRAIGHT SOLDER
|
Harwin Plc
|
M80-5L10642M5-03-313-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contacts 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8790705 |
Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 7-way 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L15005MC M80-5L10442MC M80-5L15022MC M80-5L10 |
DATAMATE J-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-8430645 |
Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 6-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-5310642 |
Datamate J-Tek DIL Male Horizontal 4.5mm PC Tail Connector, selective gold tin, with jackscrews, 3 3-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|